spec no: dsab2594 rev no: v.6 date: nov/12/2005 page : 1 of 6 approved: j. lu checked: allen liu drawn: y.w.wang package dimension s p/n: kpf - 3236srsgmbc - prv super bright red super bright green blue description the super bright red source color devices are made with gallium aluminum arsenide red light emitting diode. the super bright green source color devices are made with gallium phosphide green light emitting diode. the blue source color devices are made with gan on sic light emitting diode. static electricity and surge damage the leds. it is recommended to use a wrist band or anti - electrostatic glove when handling the leds. all devices, equipment and machinery must be electrically grounded. attention observe precautions for handling electrostatic discharge sensitive device s 3.2mmx3.6mm full - color surface mount led lamp features low power consumption. 3.2mmx3.6mm smt led, 1.1mm thickness. one red, one green and one blue chips in one package. can produce any color in visible spectrum, including white light. package : 1000pcs / reel. rohs compliant. notes: 1. all dimensions are in millimeters (inches). 2. tolerance is 0.2(0.008") unless otherwise noted. 3. specifications are subjected to change without notice.
spec no: dsab2594 rev no: v.6 date: nov/12/2005 page : 2 of 6 approved: j. lu checked: allen liu drawn: y.w.wang electrical / optical characteristics at t a =25 c absolute maximum ratings at t a =25 c note: 1. 1/10 duty cycle, 0.1ms pulse width. selection guid e note: 1. 1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value. part no. dice lens type iv (mcd) @ 20ma viewing angle min. typ. 2 ? 1/2 kpf - 3236srsgmbc - prv super bright red (gaaias) water clear 36 70 super bright green (gap) 2.6 12 120 blue (gan) 1.6 8 symbol parameter device typ. max. units test conditions peak peak wavelength super bright red super bright green blue 660 565 430 nm i f =20ma d dominant wavelength super bright red super bright green blue 640 568 466 nm i f =20ma ? 1/2 spectral line half - width super bright red super bright green blue 20 30 60 nm i f =20ma c capacitance super bright red super bright green blue 45 15 100 pf v f =0v;f=1mhz v f forward voltage super bright red super bright green blue 1.85 2.2 3.8 2.5 2.5 4.5 v i f =20ma i r reverse current super bright red super bright green blue 10 10 10 ua v r = 5v parameter super bright red super bright green blue units power dissipation 100 105 105 mw dc forward current 30 25 30 ma peak forward current [1] 155 140 150 ma reverse voltage v operating/storage temperature - 40c to +85c 5
spec no: dsab2594 rev no: v.6 date: nov/12/2005 page : 3 of 6 approved: j. lu checked: allen liu drawn: y.w.wang kpf - 3236srsgmbc - prv super bright red
spec no: dsab2594 rev no: v.6 date: nov/12/2005 page : 4 of 6 approved: j. lu checked: allen liu drawn: y.w.wang super bright green
spec no: dsab2594 rev no: v.6 date: nov/12/2005 page : 5 of 6 approved: j. lu checked: allen liu drawn: y.w.wang blue
spec no: dsab2594 rev no: v.6 date: nov/12/2005 page : 6 of 6 approved: j. lu checked: allen liu drawn: y.w.wang remarks: if special sorting is required (e.g. binning based on forward voltage, luminous intensity/ luminous flux or wavelength), the typical accuracy of the sorting process is as follows: 1. wavelength: +/ - 1nm 2. luminous intensity/ luminous flux: +/ - 15% 3. forward voltage: +/ - 0.1v note: accuracy may depend on the sorting parameters. recommended soldering pattern (units : mm) tape specifications (units : mm) kpf - 3236srsgmbc - prv
|